Part Number Hot Search : 
2SD11 4C7V5 X42180 MZ721 47M50 59101 IB050 AR3510
Product Description
Full Text Search
 

To Download MUR1610CTG Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 MUR1610CT, MUR1615CT, MUR1620CT, MUR1640CT, MUR1660CT SWITCHMODEt Power Rectifiers
These state-of-the-art devices are a series designed for use in switching power supplies, inverters and as free wheeling diodes.
Features
http://onsemi.com
* * * * * * * * *
ULTRAFAST RECTIFIERS 8.0 AMPERES, 100-600 VOLTS
1 2, 4 3
Ultrafast 35 and 60 Nanosecond Recovery Times 175C Operating Junction Temperature Popular TO-220 Package Epoxy Meets UL 94 V-0 @ 0.125 in High Temperature Glass Passivated Junction High Voltage Capability to 600 V Low Leakage Specified @ 150C Case Temperature Current Derating @ Both Case and Ambient Temperatures Pb-Free Packages are Available*
4
Mechanical Characteristics:
* Case: Epoxy, Molded * Weight: 1.9 Grams (Approximately) * Finish: All External Surfaces Corrosion Resistant and Terminal *
Leads are Readily Solderable Lead Temperature for Soldering Purposes: 260C Max. for 10 Seconds
TO-220AB CASE 221A PLASTIC 1 2 3
MARKING DIAGRAM
AY WW U16xxG AKA
A Y WW U16xx G KA
= = = =
Assembly Location Year Work Week Device Code xx = 10, 15, 20, 40 or 60 = Pb-Free Package = Diode Polarity
*For additional information on our Pb-Free strategy and soldering details, please download the ON Semiconductor Soldering and Mounting Techniques Reference Manual, SOLDERRM/D.
(c) Semiconductor Components Industries, LLC, 2006
ORDERING INFORMATION
See detailed ordering and shipping information in the package dimensions section on page 6 of this data sheet.
1
February, 2006 - Rev. 5
Publication Order Number: MUR1620CT/D
MUR1610CT, MUR1615CT, MUR1620CT, MUR1640CT, MUR1660CT
MAXIMUM RATINGS
MUR16 Rating Peak Repetitive Reverse Voltage Working Peak Reverse Voltage DC Blocking Voltage Average Rectified Forward Current Total Device, (Rated VR), TC = 150C Peak Rectified Forward Current (Rated VR, Square Wave, 20 kHz), TC = 150C Per Leg Total Device Per Diode Leg Symbol VRRM VRWM VR IF(AV) IFM IFSM TJ, Tstg 10CT 100 15CT 150 20CT 200 40CT 400 60CT 600 Unit V
8.0 16 16 100 *65 to +175
A A A C
Nonrepetitive Peak Surge Current (Surge applied at rated load conditions halfwave, single phase, 60 Hz) Operating Junction Temperature and Storage Temperature
Maximum ratings are those values beyond which device damage can occur. Maximum ratings applied to the device are individual stress limit values (not normal operating conditions) and are not valid simultaneously. If these limits are exceeded, device functional operation is not implied, damage may occur and reliability may be affected.
THERMAL CHARACTERISTICS (Per Diode Leg)
Parameter Maximum Thermal Resistance, Junction-to-Case Symbol RqJC 3.0 Value 2.0 Unit C/W
ELECTRICAL CHARACTERISTICS (Per Diode Leg)
Characteristic Maximum Instantaneous Forward Voltage (Note 1) (iF = 8.0 A, TC = 150C) (iF = 8.0 A, TC = 25C) Maximum Instantaneous Reverse Current (Note 1) (Rated DC Voltage, TC = 150C) (Rated DC Voltage, TC = 25C) Maximum Reverse Recovery Time (IF = 1.0 A, di/dt = 50 A/ms) (IF = 0.5 A, IR = 1.0 A, IREC = 0.25 A) 1. Pulse Test: Pulse Width = 300 ms, Duty Cycle 2.0% Symbol vF 0.895 0.975 iR 250 5.0 trr 35 25 60 50 500 10 ns 1.00 1.30 1.20 1.50 mA 1620 1640 1660 Unit V
http://onsemi.com
2
MUR1610CT, MUR1615CT, MUR1620CT, MUR1640CT, MUR1660CT
MUR1610CT, MUR1615CT, MUR1620CT
100 IR, REVERSE CURRENT (m A) 70 50 800 400 200 80 40 20 8.0 4.0 2.0 0.8 0.4 0.2 0.08 0.04 0.02 0 20 40 60
TJ = 175C
30 20 i F , INSTANTANEOUS FORWARD CURRENT (AMPS) TJ = 175C 10 7.0 25C 5.0 100C
100C 25C
80
100
120
140
160
180 200
VR, REVERSE VOLTAGE (VOLTS)
Figure 2. Typical Reverse Current, Per Leg*
3.0 2.0 * The curves shown are typical for the highest voltage device in the voltage grouping. Typical reverse current for lower voltage selections can be estimated from these same curves if VR is sufficiently below rated VR. IF(AV) , AVERAGE POWER DISSIPATION (WATTS) 10 9.0 8.0 7.0 6.0 5.0 4.0 3.0 2.0 1.0 0 140 145 150 155 160 165 170 175 180 TC, CASE TEMPERATURE (C) SQUARE WAVE dc RATED VR APPLIED
1.0 0.7 0.5
0.3 0.2
0.1 0.2 0.3 0.4 0.5 0.6 0.7 0.8 0.9 1.0 1.1 1.2 vF, INSTANTANEOUS VOLTAGE (VOLTS)
Figure 1. Typical Forward Voltage, Per Leg
Figure 3. Current Derating, Case, Per Leg
IF(AV) , AVERAGE FORWARD CURRENT (AMPS) 14 12 dc 10 8.0 SQUARE WAVE 6.0 4.0 2.0 0 0 20 40 60 80 100 120 140 160 180 200 TA, AMBIENT TEMPERATURE (C) dc SQUARE WAVE RqJA = 16C/W RqJA = 60C/W (NO HEATSINK) PF(AV) , AVERAGE POWER DISSIPATION (WATTS) 10 9.0 8.0 7.0 6.0 5.0 4.0 3.0 2.0 1.0 0 0 1.0 2.0 3.0 4.0 5.0 6.0 7.0 8.0 9.0 10 IF(AV), AVERAGE FORWARD CURRENT (AMPS) TJ = 175C SQUARE WAVE dc
Figure 4. Current Derating, Ambient, Per Leg
Figure 5. Power Dissipation, Per Leg
http://onsemi.com
3
MUR1610CT, MUR1615CT, MUR1620CT, MUR1640CT, MUR1660CT
MUR1640CT
100 IR, REVERSE CURRENT (m A) 70 50 800 400 200 80 40 20 8.0 4.0 2.0 0.8 0.4 0.2 0.08 0.04 0.02 0 50 100 150
TJ = 175C 150C 100C
30 i F , INSTANTANEOUS FORWARD CURRENT (AMPS) 20 TJ = 175C 100C 25C 10 7.0 5.0
25C
200
250
300
350
400
450 500
VR, REVERSE VOLTAGE (VOLTS)
Figure 7. Typical Reverse Current, Per Leg*
3.0 2.0 * The curves shown are typical for the highest voltage device in the voltage grouping. Typical reverse current for lower voltage selections can be estimated from these curves if VR is sufficiently below rated VR. IF(AV) , AVERAGE POWER DISSIPATION (WATTS) 10 9.0 8.0 7.0 6.0 5.0 4.0 3.0 2.0 1.0 0 140 145 150 155 160 165 170 175 180 TC, CASE TEMPERATURE (C) SQUARE WAVE dc RATED VR APPLIED
1.0 0.7 0.5
0.3 0.2
0.1 0.4 0.6 0.8 1.0 1.2 1.4 1.6 vF, INSTANTANEOUS VOLTAGE (VOLTS)
Figure 6. Typical Forward Voltage, Per Leg
Figure 8. Current Derating, Case, Per Leg
IF(AV) , AVERAGE FORWARD CURRENT (AMPS) 14 12 10 dc 8.0 6.0 4.0 2.0 0 0 20 40 60 80 100 120 140 160 180 200 TA, AMBIENT TEMPERATURE (C) SQUARE WAVE dc SQUARE WAVE RqJA = 16C/W RqJA = 60C/W (NO HEATSINK) PF(AV) , AVERAGE POWER DISSIPATION (WATTS) 10 9.0 8.0 7.0 6.0 5.0 4.0 3.0 2.0 1.0 0 0 1.0 2.0 3.0 4.0 5.0 6.0 7.0 8.0 9.0 10 IF(AV), AVERAGE FORWARD CURRENT (AMPS) TJ = 175C SQUARE WAVE dc
Figure 9. Current Derating, Ambient, Per Leg
Figure 10. Power Dissipation, Per Leg
http://onsemi.com
4
MUR1610CT, MUR1615CT, MUR1620CT, MUR1640CT, MUR1660CT
MUR1660CT
100 IR, REVERSE CURRENT (m A) 70 50 800 400 200 80 40 20 8.0 4.0 2.0 0.8 0.4 0.2 0.08 0.04 0.02 100 200
TJ = 150C 100C
30 TJ = 150C i F , INSTANTANEOUS FORWARD CURRENT (AMPS) 20 100C 10 7.0 5.0 25C
25C
300
400
500
600
VR, REVERSE VOLTAGE (VOLTS)
Figure 12. Typical Reverse Current, Per Leg*
3.0 2.0 * The curves shown are typical for the highest voltage device in the voltage grouping. Typical reverse current for lower voltage selections can be estimated from these same curves if VR is sufficiently below rated VR. IF(AV) , AVERAGE POWER DISSIPATION (WATTS) 10 9.0 8.0 7.0 6.0 5.0 4.0 3.0 2.0 1.0 0 140 145 150 155 160 165 170 175 180 TC, CASE TEMPERATURE (C) SQUARE WAVE dc RATED VR APPLIED
1.0 0.7 0.5
0.3 0.2
0.1 0.4 0.6 0.8 1.0 1.2 1.4 1.6 1.8 vF, INSTANTANEOUS VOLTAGE (VOLTS)
Figure 11. Typical Forward Voltage, Per Leg
Figure 13. Current Derating, Case, Per Leg
PF(AV) , AVERAGE POWER DISSIPATION (WATTS) IF(AV) , AVERAGE FORWARD CURRENT (AMPS) 10 9.0 8.0 7.0 6.0 5.0 4.0 3.0 2.0 1.0 0 0 20 40 60 80 100 120 140 160 180 200 TA, AMBIENT TEMPERATURE (C) dc SQUARE WAVE SQUARE WAVE dc RqJA = 16C/W RqJA = 60C/W (NO HEATSINK) 14 13 12 11 10 9.0 8.0 7.0 6.0 5.0 4.0 3.0 2.0 1.0 0 0
TJ = 175C
SQUARE WAVE
dc
1.0
2.0
3.0
4.0
5.0
6.0
7.0
8.0
9.0
10
IF(AV), AVERAGE FORWARD CURRENT (AMPS)
Figure 14. Current Derating, Ambient, Per Leg
Figure 15. Power Dissipation, Per Leg
http://onsemi.com
5
MUR1610CT, MUR1615CT, MUR1620CT, MUR1640CT, MUR1660CT
r(t), TRANSIENT THERMAL RESISTANCE (NORMALIZED) 1.0 D = 0.5 0.5
0.2 0.1 0.1 0.05 0.05 P(pk) 0.01 SINGLE PULSE 0.01 0.02 0.05 0.1 0.2 0.5 1.0 2.0 t, TIME (ms) t1 t2 0.02 0.01 5.0 10 20 50 100 200 500 1000 DUTY CYCLE, D = t1/t2 ZqJC(t) = r(t) RqJC D CURVES APPLY FOR POWER PULSE TRAIN SHOWN READ TIME AT T1 TJ(pk) - TC = P(pk) ZqJC(t)
Figure 16. Thermal Response
1000 MUR1620CT THRU 1660CT MUR1605CT THRU 1615CT C, CAPACITANCE (pF) 300 TJ = 25C 100
30
10 1.0 10 VR, REVERSE VOLTAGE (VOLTS) 100
Figure 17. Typical Capacitance, Per Leg
ORDERING INFORMATION
Device MUR1610CT MUR1610CTG MUR1615CT MUR1615CTG MUR1620CT MUR1620CTG MUR1640CT MUR1640CTG MUR1660CT MUR1660CTG Package TO-220 TO-220 (Pb-Free) TO-220 TO-220 (Pb-Free) TO-220 TO-220 (Pb-Free) TO-220 TO-220 (Pb-Free) TO-220 TO-220 (Pb-Free) 50 Units / Rail Shipping
For information on tape and reel specifications, including part orientation and tape sizes, please refer to our Tape and Reel Packaging Specifications Brochure, BRD8011/D.
http://onsemi.com
6
MUR1610CT, MUR1615CT, MUR1620CT, MUR1640CT, MUR1660CT
PACKAGE DIMENSIONS
TO-220 THREE-LEAD TO-220AB CASE 221A-09 ISSUE AA
-T- B
4
SEATING PLANE
F T S
C
NOTES: 1. DIMENSIONING AND TOLERANCING PER ANSI Y14.5M, 1982. 2. CONTROLLING DIMENSION: INCH. 3. DIMENSION Z DEFINES A ZONE WHERE ALL BODY AND LEAD IRREGULARITIES ARE ALLOWED. DIM A B C D F G H J K L N Q R S T U V Z INCHES MIN MAX 0.570 0.620 0.380 0.405 0.160 0.190 0.025 0.035 0.142 0.147 0.095 0.105 0.110 0.155 0.018 0.025 0.500 0.562 0.045 0.060 0.190 0.210 0.100 0.120 0.080 0.110 0.045 0.055 0.235 0.255 0.000 0.050 0.045 --- --- 0.080 MILLIMETERS MIN MAX 14.48 15.75 9.66 10.28 4.07 4.82 0.64 0.88 3.61 3.73 2.42 2.66 2.80 3.93 0.46 0.64 12.70 14.27 1.15 1.52 4.83 5.33 2.54 3.04 2.04 2.79 1.15 1.39 5.97 6.47 0.00 1.27 1.15 --- --- 2.04
Q
123
A U K
H Z L V G D N R J
SWITCHMODE is a trademark of Semiconductor Components Industries, LLC (SCILLC).
ON Semiconductor and are registered trademarks of Semiconductor Components Industries, LLC (SCILLC). SCILLC reserves the right to make changes without further notice to any products herein. SCILLC makes no warranty, representation or guarantee regarding the suitability of its products for any particular purpose, nor does SCILLC assume any liability arising out of the application or use of any product or circuit, and specifically disclaims any and all liability, including without limitation special, consequential or incidental damages. "Typical" parameters which may be provided in SCILLC data sheets and/or specifications can and do vary in different applications and actual performance may vary over time. All operating parameters, including "Typicals" must be validated for each customer application by customer's technical experts. SCILLC does not convey any license under its patent rights nor the rights of others. SCILLC products are not designed, intended, or authorized for use as components in systems intended for surgical implant into the body, or other applications intended to support or sustain life, or for any other application in which the failure of the SCILLC product could create a situation where personal injury or death may occur. Should Buyer purchase or use SCILLC products for any such unintended or unauthorized application, Buyer shall indemnify and hold SCILLC and its officers, employees, subsidiaries, affiliates, and distributors harmless against all claims, costs, damages, and expenses, and reasonable attorney fees arising out of, directly or indirectly, any claim of personal injury or death associated with such unintended or unauthorized use, even if such claim alleges that SCILLC was negligent regarding the design or manufacture of the part. SCILLC is an Equal Opportunity/Affirmative Action Employer. This literature is subject to all applicable copyright laws and is not for resale in any manner.
PUBLICATION ORDERING INFORMATION
LITERATURE FULFILLMENT: Literature Distribution Center for ON Semiconductor P.O. Box 61312, Phoenix, Arizona 85082-1312 USA Phone: 480-829-7710 or 800-344-3860 Toll Free USA/Canada Fax: 480-829-7709 or 800-344-3867 Toll Free USA/Canada Email: orderlit@onsemi.com N. American Technical Support: 800-282-9855 Toll Free USA/Canada Japan: ON Semiconductor, Japan Customer Focus Center 2-9-1 Kamimeguro, Meguro-ku, Tokyo, Japan 153-0051 Phone: 81-3-5773-3850 ON Semiconductor Website: http://onsemi.com Order Literature: http://www.onsemi.com/litorder For additional information, please contact your local Sales Representative.
http://onsemi.com
7
MUR1620CT/D


▲Up To Search▲   

 
Price & Availability of MUR1610CTG

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X